Part Number Hot Search : 
BPC2508 VO2611 JAN2N LB11690 D74LVC MT160 ACE9030 HN4D01JU
Product Description
Full Text Search
 

To Download BAS70W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
FEATURES
Low Forward voltage drop. High breakdown voltage. Guard ring protected. Low capacitance. Very small SMD package.
Production specification
BAS70W/-04/-05/-06
Pb
Lead-free BAS70W BAS70-04
BAS70W-05
BAS70W-06
APPLICATIONS
For high speed switching applications.
SOT-323
ORDERING INFORMATION
Type No. BAS70W BAS70W-04 BAS70W-05 BAS70W-06 Marking K73 K74 K75 K76 Package Code SOT-323 SOT-323 SOT-323 SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Repetitive Peak reverse voltage Working peak reverse voltage Diode reverse voltage Forward continuous Current Non-Repetitive peak forward surge Current @t=1s Power Dissipation Junction temperature Storage temperature range Symbol VRRM VRWM VR IF IFS Pd Tj Tstg Limits 70 70 100 200 150 -65-+150 Unit V mA mA mW
Document number: BL/SSSKF018 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
Production specification
BAS70W/-04/-05/-06
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse breakdown voltage Reverse voltage leakage current Forward voltage Diode capacitance Reverse recovery time Symbol V(BR)R IR VF CD trr Test IR= 10A VR=50V IF=1.0mA IF=15mA VR=0V f=1MHz conditions MIN 70 100 410 1000 2 5 MAX UNIT V nA mV pF nS
IF=IR=10mA RL=100
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKF018 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
BAS70W/-04/-05/-06
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device BAS70W/-04/-05/-06 Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSKF018 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BAS70W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X